PART |
Description |
Maker |
1-1825006-1 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDS06S04=DIP SW,SLIDE,SMT ( Tyco Electronics )
|
Tyco Electronics
|
1-1825008-0 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; DRS10RA04=Rot Dip,R/A ( Tyco Electronics )
|
Tyco Electronics
|
0011030003-P 08-01-0123 08-03-0303 08-03-0304 08-0 |
Extractor Tool Instruction Sheet
|
Molex Electronics Ltd.
|
TP30-180RL TP30-130RL TP30-100RL TP30-120RL TP30-1 |
DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Pitch Spacing:2.54mm; Series:BPA; Actuator Style:Side RoHS Compliant: Yes DIP / Rotary DIP 的TRISIL
|
ST Microelectronics STMicroelectronics
|
528-AG12D-LF1571550-9 |
DIP Sockets; 528-AG12D-LF=500 DIP,PCB,SN/SN ( AMP )
|
Tyco Electronics
|
AD7810 AD7810YN AD7810YR AD7810YRM |
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP 2.7 V to 5.5 V 2 us 10-Bit ADC in 8-Lead microSOIC/DIP ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 2.7 V to 5.5 V/ 2 us/ 10-Bit ADC in 8-Lead microSOIC/DIP
|
AD[Analog Devices] Analog Devices, Inc.
|
162-10-628-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
162-10-656-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
162-10-430-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
4N28STA-V 4N38S1TA-V 4N28S1TA-V 4N38STA 4N38STA-V |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, SURFACE MOUNT, DIP-6 6 PIN DIP PHOTOTRANSISTOR
|
Everlight Electronics Co., Ltd. EVERLIGHT ELECTRONICS CO LTD
|